Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KES Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KES
Description  Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KES Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  P4KES Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KES Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KES Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
P4KE SERIES
Voltage 6.8V ~ 440V
400 Peak Power / 1.0W Steady State
400W Peak Power TVS
26-Oct-2009 Rev. C
Page 2 of 3
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,Ta (℃ )
TJ = TJ max.
8.3 ms Single Half Sine-Wav e
0
10
20
30
40
50
1
10
100
Number of Cy cles at 60 Hz
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
Lead Temperature , T
L
(℃ )
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width, td
0.1µs
1µs
10µs
100µs
1ms
10ms
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is def ined as the
point where the peak current decay s
to 50 % of IPPM
10/1000 µsec. Wav ef orm
as def ined by R.E.A.
Tr=10µs
Peak Value ,
(Ipp)
Half Value = Ipp
2
td
TYPICAL CHARACTERISTICS
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Fig. 3 - Steady State Power Derating
Fig. 4 - Peak Pulse Power Rating
Fig. 5 - Pulse Pulse Waveform



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com