Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4437P Datasheet(PDF) 1 Page - Analog Power

Part # AM4437P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4437P Datasheet(HTML) 1 Page - Analog Power

  AM4437P Datasheet HTML 1Page - Analog Power AM4437P Datasheet HTML 2Page - Analog Power AM4437P Datasheet HTML 3Page - Analog Power AM4437P Datasheet HTML 4Page - Analog Power AM4437P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4437P
P-Channel 30-V (D-S) MOSFET
VDS (V)
ID (A)
-14
-11
Symbol
Limit
Units
VDS
-30
VGS
±20
TA=25°C
-14
TA=70°C
-12
IDM
-50
IS
-4.1
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Continuous Drain Current
a
Gate-Source Voltage
PRODUCT SUMMARY
-30
rDS(on) (mΩ)
10.5 @ VGS = -10V
16 @ VGS = -4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Load Switches
• DC/DC Conversion
• Motor Drives
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4437P_1A


Similar Part No. - AM4437P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4430N ANALOGPOWER-AM4430N Datasheet
165Kb / 3P
N-Channel 30-V (D-S) MOSFET
AM4431P ANALOGPOWER-AM4431P Datasheet
368Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4432N ANALOGPOWER-AM4432N Datasheet
371Kb / 5P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4433P DOINGTER-AM4433P Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4433P ANALOGPOWER-AM4433P Datasheet
582Kb / 5P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM4437P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com