Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4535C Datasheet(PDF) 1 Page - Analog Power

Part # AM4535C
Description  N & P-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4535C Datasheet(HTML) 1 Page - Analog Power

  AM4535C Datasheet HTML 1Page - Analog Power AM4535C Datasheet HTML 2Page - Analog Power AM4535C Datasheet HTML 3Page - Analog Power AM4535C Datasheet HTML 4Page - Analog Power AM4535C Datasheet HTML 5Page - Analog Power AM4535C Datasheet HTML 6Page - Analog Power AM4535C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AM4535C
N & P-Channel 30-V (D-S) MOSFET
VDS (V)
ID (A)
11.3
8.8
-10.6
-8.6
Symbol
Nch Limit Pch Limit
Units
VDS
30
-30
VGS
±20
±20
TA=25°C
11.3
-10.6
TA=70°C
8.9
-8.3
IDM
40
-40
IS
3.1
-2.9
A
TA=25°C
2.1
2.1
TA=70°C
1.3
1.3
TJ, Tstg
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
V
PRODUCT SUMMARY
PD
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Operating Junction and Storage Temperature Range
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
Maximum Junction-to-Ambient
a
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
rDS(on) (mΩ)
11 @ VGS = 10V
-30
12.5 @ VGS = -10V
19 @ VGS = -4.5V
30
18 @ VGS = 4.5V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
SO-8
© Preliminary
1
Publication Order Number:
DS_AM4535C_1A


Similar Part No. - AM4535C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4530C ANALOGPOWER-AM4530C Datasheet
231Kb / 8P
P & N-Channel 32-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
P & N-Channel 32-V (D-S) MOSFET
AM4531C ANALOGPOWER-AM4531C Datasheet
227Kb / 7P
P & N-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM4535C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
P & N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com