Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT6N06-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SDT6N06-C
Description  6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDT6N06-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SDT6N06-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDT6N06-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDT6N06-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SDT6N06-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SDT6 06-C
6A, 60V, RDS(O ) 44 mΩ
Ω
Ω
Ω
-Channel Enhancement Mode Power MOSFET
21-Jun-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
Forward Transfer conductance
gfs
-
11
-
S
VDS=5V, ID=6A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0,VGS= ±20V
-
-
1
VDS=48V, VGS=0,TJ=25°C
Drain-Source Leakage Current
IDSS
-
-
30
µA
VDS=48V, VGS=0, TJ=85°C
-
-
44
VGS=10V, ID=6A
Drain-Source On-Resistance
4
RDS(ON)
-
-
52
m
VGS=4.5V, ID=4A
Total Gate Charge
Qg
-
14
-
Gate-Source Charge
Qgs
-
3.7
-
Gate-Drain Charge
Qgd
-
4.9
-
nC
VDS=30V
VGS=10V
ID=6A
Turn-On Delay Time
Td(on)
-
12
-
Rise Time
Tr
-
6
-
Turn-Off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
12
-
nS
VDS=30V
VGS=10V
ID=1A
RG=6
Input Capacitance
Ciss
-
1160
-
Output Capacitance
Coss
-
44
-
Reverse Transfer Capacitance
Crss
-
33
-
pF
VDS=30V
VGS=0
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
6
A
Pulsed Source Current
3
ISM
-
-
24
A
Forward On Voltage
4
VSD
-
-
1.2
V
IS=1A, VGS=0V
Reverse Recovery Time
trr
-
16
-
nS
Reverse Recovery Charge
Qrr
-
8
-
nC
IF=5A , dI/dt=100A/µs ,
TJ=25°C
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board with 2OZ copper.
2.
When mounted on minimum pad of 2 oz. copper.
3.
Pulse width limited by maximum junction temperature.
4.
Pulse Test : Pulse Width ≤300µs, Duty Cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com