Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS14A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SFS14A
Description  Voltage 5 V ~ 54V 200W Peak Power TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFS14A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SFS14A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFS14A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SFS14A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SFS5.0A~SFS54A
Voltage 5 V ~ 54V
200W Peak Power TVS
20-Mar-2013 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
For surface mounted applications
Low profile package
Low incremental surge resistance, excellent clamping
capability.
200W peak pulse power capability with a 10/1000 µs
wave from, repetition rate (duty cycle):0.01%.
High temperature soldering guaranteed:
260°C / 40 seconds at terminals
MECHANICAL DATA
Case: JEDEC SOD-123FS. molded plastic
Polarity: Indicated by cathode band
Mounting position: Any
Weight: 0.006 ounces, 0.0155 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123FS
3K
7’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified )
Parameter
Symbol
Value
Units
Non-repetitive peak pulse power dissipation
with a 10/1000µs waveform
1
PPPM
200
W
Thermal resistance junction to ambient
RθJA
220
°C / W
Thermal resistance junction to Lead
RθJL
100
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Non-repetitive current pulse, per Fig.4 and de-rated above TA=25°C per Fig.3
SOD-123FS
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.50
2.90
E
0.05
0.26
B
1.50
2.00
F
0.70
1.20
C
0.95
1.10
G
0.35
0.90
D
3.40
3.90


Similar Part No. - SFS14A

ManufacturerPart #DatasheetDescription
logo
EPCOS
SFS14 EPCOS-SFS14 Datasheet
87Kb / 9P
SIOV metal oxide varistors Housed (Fail-safe) varistors
logo
Z-Communications, Inc
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS1401A-LF ZCOMM-SFS1401A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS1401A-LF ZCOMM-SFS1401A-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
logo
First Components Intern...
SFS14G FCI-SFS14G Datasheet
1Mb / 2P
1.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
More results

Similar Description - SFS14A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
S2FL SECOS-S2FL Datasheet
311Kb / 4P
5V ~ 220V 200W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
TVS 3.8A, 200W
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
200W peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com