Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1040CT Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRF1040CT
Description  10.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRF1040CT Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRF1040CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRF1040CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBRF1040CT – MBRF10200CT
2 of 2
MBRF1040CT – MBRF10200CT

Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
20.0
16.0
12.0
=40-
100V
=
150-200V
100
10
50-60V
8.0
80-100V
150-200V
4.0
RESISTIVE OR
INDUCTIVE LOAD
1.0
0
0
20
40
60
80
100
120
140
160
180
TA=25
O C
CASE TEMPERATURE,
OC
0.1
0.4
0.6
0.8
1.0
FORWARD VOLTAGE, VOLTS
1.2
Fig.2- TYPICAL
10
200
1.0
0.1
.01
.001
TJ=100
OC
TJ=75
O C
TJ=25
O C
0
20
40
60
80
100 120
140
175
150
125
100
75
50
25
0
8.3ms Single Half Since-Wave
JEDEC Method
1
2
5
10
20
50
100
NO. OF CYCLE AT 60Hz
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.2 - TYPICAL INSTANTANEOUS FORWAR
CHARACTERISTIC
Fig.1 - FORWARD CURRENT DERATING CURVE
Fig.3 - TYPICAL REVERSE CHARACTERISTICS
Fig.4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
50-60V
80-100V
150-200V
80-200V
40-60V
40-45V
Alldatasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com