Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF2040CT Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRF2040CT
Description  20.0A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRF2040CT Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRF2040CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRF2040CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
2 of 2
MBRF2040CT – MBRF20200CT
MBRF2040CT – MBRF20200CT
TJ=100 C
J
40
10
8
6
4
2
1.0
0.8
0.6
0.4
40-45V
T = 25OC
50-60V
80-100V
150-200V
0.2
0.1
Pulse Width = 300us
1% Duty Cycle
0.4 0.5 0.6
0.7 0.8 0.9 1.0 1.1
FORWARD VOLTAGE, VOLTS
Fig.4- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
O
10
20.0
16.0
= 40 - 100V
=150 - 200V
12.0
8.0
4.0
RESISTIVE OR
INDUCTIVE LOAD
0
0
20
40
60
80
100 120 140 160 180
LEAD TEMPERATURE, OC
Fig.1- FORWARD CURRENT DERATING CURVE
150
120
90
60
30
0
1
2
5
10
20
50
100
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT
1.0
TJ=75OC
0.1
TJ=25OC
0.01
0.001
0
20
40
60
80 100 120 140
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
8.3ms Single
Half Since-Wave
JEDEC M ethod
240
210
180
Alldatasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com