Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2301 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2301
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2301 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2301 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2301 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2301 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2301 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS2301
-3.1A , -20V , RDS(ON) 75mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
01-Mar-2017 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
TJ=25°C
-
-
-1
Drain-Source Leakage Current
TJ=55°C
IDSS
-
-
-5
µA
VGS=0, VDS= -16V
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
Gate-Source Threshold Voltage
VGS(th)
-0.5
-
-1.2
V
VDS=VGS, ID= -250µA
-
-
75
VGS= -4.5V, ID= -3A
Static Drain-Source On Resistance
3
RDS(ON)
-
-
105
m
VGS= -2.5V, ID= -2A
Forward Transfer Conductance
gFS
-
9
-
S
VDS= -5V, ID= -3A
Total Gate Charge
Qg
-
9.7
-
Gate-Source Charge
Qgs
-
2.05
-
Gate-Drain (“Miller”) Charge
Qgd
-
2.43
-
nC
VDS= -15V
VGS= -4.5V
ID= -3A
Turn-On Delay Time
Td(ON)
-
4.8
-
Rise Time
Tr
-
9.6
-
Turn-Off Delay Time
Td(OFF)
-
52
-
Fall Time
Tf
-
8.4
-
nS
ID= -3A
VDS= -10V
VGS= -4.5V
RG=3.3
Input Capacitance
Ciss
-
686
-
Output Capacitance
Coss
-
90.8
-
Reverse Transfer Capacitance
Crss
-
80.4
-
pF
VDS= -15V
VGS=0
f=1MHz
Source Drain Diode
Continuous Source Current
1
IS
-
-
-3.1
Pulsed Source Current
2
ISM
-
-
-15.5
A
Forward On Voltage
3
VSD
-
-0.7
-1.2
V
IS = -1A, VGS=0
Reverse Recovery Time
trr
-
8.4
-
nS
Reverse Recovery Charge
Qrr
-
3.3
-
nC
IF= -3A, dl/dt=100A/uS, TJ=25°C
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2oz copper.
2.
The power dissipation is limited by 150°C junct ion temperature.
3.
The data tested by pulsed , pulse width≦300us , duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com