Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2301R Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2301R
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2301R Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2301R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2301R Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS2301R
-3A, -20V, RDS(ON) 110 mΩ
Ω
Ω
Ω
P-Channel Enhancement MOSFET
24-May-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
-20
-24
-
V
VGS=0, ID= -250µA
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -20V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
On Characteristics
3
Gate-Source Threshold Voltage
VGS(th)
-0.4
-0.7
-1
V
VDS=VGS, ID= -250µA
-
64
110
VGS= -4.5V, ID= -3A
Static Drain-Source On Resistance
RDS(ON)
-
89
140
m
VGS= -2.5V, ID= -2A
Forward Transconductance
gFS
-
5
-
S
VDS= -5V, ID= -2A
Dynamic Characteristics
Input Capacitance
Ciss
-
405
-
Output Capacitance
Coss
-
75
-
Reverse Transfer Capacitance
Crss
-
55
-
pF
VDS= -10V
VGS=0
f=1MHz
Switching Characteristics
Turn-On Delay Time
Td(on)
-
11
-
Rise Time
Tr
-
35
-
Turn-Off Delay Time
Td(off)
-
30
-
Fall Time
Tf
-
10
-
nS
VDD= -10V
VGS= -4.5V
ID= -1A
RGEN=10
Total Gate Charge
Qg
-
3.3
-
Gate-Source Charge
Qgs
-
0.7
-
Gate-Drain (“Miller”) Charge
Qgd
-
1.3
-
nC
VDS= -10V
VGS= -2.5V
ID= -3A
Source-Drain Diode Characteristics
Continuous Current
2
IS
-
-
-3
A
Forward Voltage
3
VSD
-
-
-1.2
V
IS= -1.3A, VGS=0
Notes:
1.
Repetitive Rating: Pulse width is limited by the maximum junction temperature.
2.
Surface mounted on a 1 inch
2 copper pad of a FR4 board and t≦10sec.
3.
Pulse Test: Pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com