Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF640 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # MBRF640
Description  6.0 A SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

MBRF640 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  MBRF640 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd MBRF640 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Position: Any
Polarity: See Diagram
minals: Plated Leads Solderable per
28
31
35
42
56
70
105
140
V
0.85
0.92
40
45
50
60
80
100
150
200
V
= 6A
V
Case: ITO-220AC, Molded Plastic
MBRF640 – MBRF6200
1 of 2
°C/W
pF
0.70
V
680
MBRF
Characteristic
Symbol
6.0 A SCHOTTKY BARRIER DIODE
MBRF640 – MBRF6200
Features
             
Mechanical Data
!
!
Ter
MIL-STD-202, Method 208
!
!
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
(Note 1)
IO
6. 0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
120
A
Forward Voltage
@IF
FM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
640
MBRF
645
MBRF
650
MBRF
660
MBRF
6100
6150
Units
0.80
350
280
200
3.5
3.0
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
6200
100
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Low Voltage Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
 
!
Schottky Barrier Chip
!
!
!
!
!
A
PIN1
3
D
F
E
J
K
ITO-220AC
Dim
Min
Max
A
14.50
15.50
B
9.50
10.50
C
2.55
2.90
D
3.30
4.30
E
13.00
14.00
F
0.30
0.90
G
3.00 Ø
3.80 Ø
H
6.30
7.30
I
4.20
4.80
J
2.50
2.90
K
0.47
0.75
L
2.50
3.10
P
4.88
5.28
All Dimensions in mm
C
B
G
P
I
L
H
PIN 1 +
+
PIN 3 -
Case
MBRF
MBRF
MBRF
-55 to +175
-55 to +150
Alldatasheet


Similar Part No. - MBRF640

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBRF640 DYELEC-MBRF640 Datasheet
920Kb / 3P
6 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
MBRF640 SAMYANG-MBRF640 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF640

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRD620 TSC-SRD620 Datasheet
50Kb / 2P
6.0 AMPS. Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBRF840 ZSELEC-MBRF840 Datasheet
322Kb / 2P
A SCHOTTKY BARRIER DIODE 8.0
SK540D ZSELEC-SK540D Datasheet
149Kb / 2P
5.0 A SCHOTTKY BARRIER DIODE
SK840D ZSELEC-SK840D Datasheet
149Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
MBR640 ZSELEC-MBR640 Datasheet
176Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
BD540YS ZSELEC-BD540YS Datasheet
146Kb / 2P
5.0 A SCHOTTKY BARRIER DIODE
BD640CS ZSELEC-BD640CS Datasheet
146Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
BD640CT ZSELEC-BD640CT Datasheet
147Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
BD840CS ZSELEC-BD840CS Datasheet
146Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
MBR640G ZSELEC-MBR640G Datasheet
143Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com