Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2333 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2333
Description  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2333 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2333 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2333 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2333 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS2333
-6A , -12V , RDS(ON) 28 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
27-Jun-2014 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
-12
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
1
VGS(th)
-0.4
-
-1
V
VDS=VGS, ID= -250µA
Gate-Source Leakage Current
IGSS
-
-
±0.1
µA
VGS= ±8V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -12V, VGS=0
Forward Tranconductance
1
gfs
-
18
-
S
VDS= -5V, ID= -5A
-
-
28
VDS= -4.5V, ID= -5A
-
-
32
VDS= -3.7V, ID= -4.6A
-
-
40
VGS= -2.5V, ID= -4.3A
-
-
63
VGS= -1.8V, ID= -1A
Static Drain-Source On-Resistance
1
RDS(ON)
-
-
150
m
VGS= -1.5V, ID= -0.5A
Dynamic Parameters
2
Total Gate Charge
Qg
-
14
-
Gate-Source Charge
Qgs
-
2.3
-
Gate-Drain Change
Qgd
-
3.6
-
nC
ID= -5A VDS= -6V
VGS= -4.5V
Input Capacitance
Ciss
-
1275
-
Output Capacitance
Coss
-
255
-
Reverse Transfer Capacitance
Crss
-
236
-
pF
VGS =0
VDS= -6V
f =1.0MHz
Gate Resistance
Rg
1.9
-
19
f =1.0MHz
Turn-on Delay Time
Td(on)
-
26
-
Rise Time
Tr
-
24
-
Turn-off Delay Time
Td(off)
-
45
-
Fall Time
Tf
-
20
-
nS
VDD= -6V
VGEN= -4.5V
ID= -4A
RGEN=1
RL=6
Source-Drain Diode
Forward Current
IS
-
-
-1.4
A
TC = 25°C
Pulsed Forward Current
ISM
-
-
-20
A
Forward Voltage
1
VDS
-
-
-1.2
V
VGS =0, IS= -4A
Reverse Recovery Time
2
Trr
-
24
48
nS
Reverse Recovery Charge
2
Qrr
-
8
16
nC
IF= -4A, dl/dt=100A/µs
Note:
1.
Pulse Test : Pulse width≦300µs, duty cycle≦2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com