Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS8810 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS8810
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS8810 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS8810 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS8810 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS8810 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS8810
7A , 20V , RDS(ON) 20 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
13-Mar-2015 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=16V, VGS=0
-
-
±1
VGS= ±4.5V, VDS=0
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VGS= ±8V, VDS=0
Gate-Threshold Voltage
1
VGS(th)
0.4
-
1
V
VDS=VGS, ID=250µA
Forward Transconductance
1
gfs
9
-
-
S
VDS=5V, ID=7A
Diode Forward Voltage
1
VSD
-
-
1
V
IS=1A, VGS=0
-
-
20
VGS=10V, ID=7A
-
-
22
VGS=4.5V, ID=6.6A
-
-
24
VGS=3.8V, ID=6A
-
-
26
VGS=2.5V, ID=5.5A
Static Drain-Source On-Resistance
1
RDS(ON)
-
-
35
m
VGS=1.8V, ID=5A
Dynamic Parameters
2
Input Capacitance
Ciss
-
1150
-
Output Capacitance
Coss
-
185
-
Reverse Transfer Capacitance
Crss
-
145
-
pF
VGS =0
VDS=10V
f =1.0MHz
Total gate charge
Qg
-
15
-
Gate-source charge
Qgs
-
0.8
-
Gate-drain charge
Qgd
-
3.2
-
nC
VGS =4.5V
VDS=10V
ID=7A
Switching Parameters
2
Turn-on Delay Time
Td(on)
-
6
-
Rise Time
Tr
-
13
-
Turn-off Delay Time
Td(off)
-
52
-
Fall Time
Tf
-
16
-
nS
VDD=10V
VGEN=5V
RGEN=3
RL=1.35
Note:
1.
Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 0.5%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com