Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2101 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF2101
Description  P-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF2101 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF2101 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF2101 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF2101 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSF2101
-1.4A, -20V, RDS(O ) 100 mΩ
Ω
Ω
Ω
P-Channel Enhancement Mode Power MOSFET
08-Feb-2017 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSF2101 provides the designers with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness. SOT-323 package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Lower Gate Charge
Simple Drive Requirement
Fast Switching Characteristic
Leading Trench Technology for Low RDS(ON)
Extending Battery Life
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
-1.4
A
Pulsed Drain Current @ tp=10us
IDM
-3
A
Maximum Power Dissipation
PD
0.29
mW
Thermal Resistance from Junction to Ambient
RθJA
431
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
SOT-323
TS1
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
3.00
G
0.1 REF.
B
1.80
2.55
H
0.525 REF.
C
1.1
1.4
J
0.05
0.25
D
0.80
1.15
K
0.8 TYP.
E
1.20
2.00
L
0.65 TYP.
F
0.15
0.50


Similar Part No. - SSF2101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF2102 SECOS-SSF2102 Datasheet
67Kb / 2P
N-Channel Enhancement Mode Power MOSFET
SSF2102-C SECOS-SSF2102-C Datasheet
239Kb / 4P
N-Channel Enhancement Mode Power MOSFET
SSF2102 SECOS-SSF2102_15 Datasheet
67Kb / 2P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSF2101

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com