Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG3110 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG3110
Description  Dual- Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG3110 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG3110 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG3110 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG3110
2.2A, 100V, RDS(O ) 310 mΩ
Ω
Ω
Ω
Dual-
Enhancement Mode Power MOSFET
02-Sep-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSG3110 is the highest performance trench dual N-ch MOSFETs
with extreme high cell density, which provides excellent RDS(ON) and
gate charge for most synchronous buck converter applications.
FEATURES
Advanced high cell density Trench technology
Super low gate charge
Excellent CdV/dt effect decline
Green Device Available
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
2.2
Continuous Drain Current@ VGS=10V
1
TA=70°C
ID
1.5
A
Pulsed Drain Current
3
IDM
5.5
A
Power Dissipation@ TA=25°C
PD
1.5
W
Maximum Thermal Resistance from Junction to Ambient
1
83
Maximum Thermal Resistance from Junction to Ambient
RθJA
135
°C / W
Maximum Thermal Resistance from Junction to Case
1
RθJC
50
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
G
S
G
S
D
D
D
D
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.33
0.51
B
4.70
5.10
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.35
1.75
E
0.40
1.27
M
0.10
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG3110

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
Dual-$ Enhancement Mode Power MOSFET
More results

Similar Description - SSG3110

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4228 SECOS-SSG4228 Datasheet
823Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4890N SECOS-SSG4890N Datasheet
618Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N Datasheet
150Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG4N10E SECOS-SSG4N10E Datasheet
562Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4940N SECOS-SSG4940N_15 Datasheet
112Kb / 2P
Dual-N Enhancement Mode Power MOSFET
SSG9904 SECOS-SSG9904_15 Datasheet
485Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG4822J SECOS-SSG4822J Datasheet
203Kb / 3P
Dual-N Enhancement Mode Power MOSFET
SSG9971A SECOS-SSG9971A Datasheet
422Kb / 4P
Dual-N Enhancement Mode Power MOSFET
SSG3215B-C SECOS-SSG3215B-C Datasheet
729Kb / 4P
Dual-$ Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com