Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7304 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7304
Description  Generation V Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7304 Datasheet(HTML) 2 Page - International Rectifier

  IRF7304 Datasheet HTML 1Page - International Rectifier IRF7304 Datasheet HTML 2Page - International Rectifier IRF7304 Datasheet HTML 3Page - International Rectifier IRF7304 Datasheet HTML 4Page - International Rectifier IRF7304 Datasheet HTML 5Page - International Rectifier IRF7304 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
128
IRF7304
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
1.8
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
-14
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.0
V
TJ = 25°C, IS = -1.8A, VGS = 0V
trr
Reverse Recovery Time
–––
56
84
ns
TJ = 25°C, IF = -2.2A
Qrr
Reverse RecoveryCharge
–––
71
110
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
–––
6.0
–––
LD
Internal Drain Inductance
–––
4.0
–––
nH
ns
nA
µA
Ω
RDS(ON)
Static Drain-to-Source On-Resistance
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.012 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.090
VGS = -4.5V, ID = -2.2A
–––
––– 0.140
VGS = -2.7V, ID = -1.8A
VGS(th)
Gate Threshold Voltage
-0.70 –––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
4.0
–––
–––
S
VDS = -16V, ID = -2.2A
–––
–––
-1.0
VDS = -16V, VGS = 0V
–––
–––
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -8.0V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 8.0V
Qg
Total Gate Charge
–––
–––
22
ID = -2.2A
Qgs
Gate-to-Source Charge
–––
–––
3.3
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
9.0
VGS = -4.5V, See Fig. 6 and 12
td(on)
Turn-On Delay Time
–––
8.4
–––
VDD = -10V
tr
Rise Time
–––
26
–––
ID = -2.2A
td(off)
Turn-Off Delay Time
–––
51
–––
RG = 6.0Ω
tf
Fall Time
–––
33
–––
RD = 4.5Ω, See Fig. 10
Between lead tip
and center of die contact
Ciss
Input Capacitance
–––
610
–––
VGS = 0V
Coss
Output Capacitance
–––
310
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by L S+LD)
A
Pulse width
≤ 300µs; duty cycle ≤ 2%.
ISD ≤ -2.2A, di/dt ≤− 50A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
Repetitive rating; pulse width limited by max. junction
temperature. ( See fig. 11 )
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com