Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFE430 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFE430
Description  HEXFET TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE430 Datasheet(HTML) 2 Page - International Rectifier

  IRFE430 Datasheet HTML 1Page - International Rectifier IRFE430 Datasheet HTML 2Page - International Rectifier IRFE430 Datasheet HTML 3Page - International Rectifier IRFE430 Datasheet HTML 4Page - International Rectifier IRFE430 Datasheet HTML 5Page - International Rectifier IRFE430 Datasheet HTML 6Page - International Rectifier IRFE430 Datasheet HTML 7Page - International Rectifier IRFE430 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
IRFE430, JANTX-, JANTXV-, 2N6802U Device
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
500
V
VGS =0 V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.59
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source
1.50
VGS = 10V, ID = 1.5A
On-State Resistance
1.725
VGS = 10V, ID = 2.5A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.0
S ( )VDS > 15V, IDS = 1.5A „
IDSS
Zero Gate Voltage Drain Current
25
VDS= 0.8 x Max Rating,VGS=0V
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20 V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
30
VGS = 10V, ID = 2.5A
Qgs
Gate-to-Source Charge
4.5
nC
VDS = Max Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
28
td(on)
Turn-On Delay Time
30
VDD = 250V, ID = 2.5A,
tr
Rise Time
30
RG = 7.5Ω
td(off)
Turn-Off Delay Time
55
tf
Fall Time
30
LD
Internal Drain Inductance
1.8
LS
Internal Source Inductance
4.3
Ciss
Input Capacitance
750
VGS = 0V, VDS = 25 V
Coss
Output Capacitance
240
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
67
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.5
ISM
Pulse Source Current (Body Diode)

——
11
VSD
Diode Forward Voltage
1.4
V
Tj = 25°C, IS = 2.5A, VGS = 0V „
trr
Reverse Recovery Time
900
ns
Tj = 25°C, IF = 2.5A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
2.0
µC
VDD ≤ 50V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Modified MOSFET symbol
showing the integral reverse
p-n junction rectifier.
nA
„
nH
ns
Measured from drain pad to
die.
Measured from center of
source pad to the end of
source bonding wire.
Modified MOSFET symbol show-
ing the internal inductances.
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
5.0
K/W
…
RthJPCB
Junction-to-PC Board
19
Soldered to a copper clad PC board
Details of notes
 through … are on the last page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com