Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR20B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR20B
Description  MEDIUM POWER USE A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR20B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20A, BCR20B, BCR20C, BCR20E
MEDIUM POWER USE
A, B, C : NON-INSULATED TYPE, E : INSULATED TYPE, GLASS PASSIVATION TYPE
MAXIMUM RATINGS (continue)
Conditions
BCR20A
BCR20B
BCR20C
BCR20E
BCR20A only, 10 sec.
BCR20C only
BCR20E only, Ta=25
°C, AC 1 minute, T2 terminal to base
Symbol
—
—
—
Viso
Parameter
Weight (Typical value)
Soldering temperature
Mounting torque
Isolated voltage
Ratings
3.5
9.0
9.0
11
230
30
2.94
1500
Unit
g
°C
kg·cm
N·m
V
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
Rth (j-b)
(dv/dt)c
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, Tb=25°C (BCR20E only), ITM=30A, Instantaneous
measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case (BCR20A, BCR20B, BCR20C)
Junction to base (BCR20E)
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
°C/W
V/
µs
Typ.
—
—
—
—
—
—
—
—
—
—
—
—
!
@
#
!
@
#
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
V2
Gate trigger current
V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
V2. Measurement using the gate trigger characteristics measurement circuit.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
Limits
Min.
—
—
—
—
—
—
—
—
0.2
—
—
V3
Max.
3.0
1.5
1.5
1.5
1.5
30
30
30
—
1.1
2.4
—
Test conditions
Voltage
class
8
10
VDRM
(V)
400
600
Min.
—
10
—
10
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
Symbol
R
L
R
L
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutat-
ing current
(di/dt)c=–10A/ms
3. Peak off-state voltage
VD=400V
ELECTRICAL CHARACTERISTICS
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com