Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB3045CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CB3045CT
Description  30A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CB3045CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CB3045CT Datasheet HTML 1Page - Chip Integration Technology Corporation CB3045CT Datasheet HTML 2Page - Chip Integration Technology Corporation CB3045CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CB3045CT
UNIT
-65 ~ +150
30
150
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
2
Marking code
CB3045CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
45
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 15A, T = 25 C
F
J
O
I = 15A, T = 125 C
F
J
500
550
(per diode)
Document ID : DS-12KHZ
Revised Date : 2015/10/22
Revision : C
CB3045CT
30A Trench Schottky Rectifier
2
D PAK(TO-263)
Marking code
0.411(10.45)
0.380(9.65)
0.228(5.80)
0.173(4.40)
0.370(9.40)
0.320(8.13)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.024(0.60)
0.024(0.60)
0.011(0.28)
0.055(1.40)
0.045(1.14)
0.190(4.83)
0.160(4.06)
0~0.012(0~0.30)
0.110(2.79)
0.090(2.29)
0.055(1.40)
0.031(0.80)
PIN 1
PIN 3
PIN 2
1
3
2
0.245(6.22)
MIN
Chip Integration Technology Corporation
■ Mechanical data
• Epoxy : UL94-V0 rated flame retardant.
2
• Case : Molded plastic, TO-263/D PAK
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 1.70 gram


Similar Part No. - CB3045CT

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CB3011100ML ABC-CB3011100ML Datasheet
123Kb / 6P
SMD POWER INDUCTOR
20070123-A
CB3011150ML ABC-CB3011150ML Datasheet
123Kb / 6P
SMD POWER INDUCTOR
20070123-A
CB30111R0ML ABC-CB30111R0ML Datasheet
123Kb / 6P
SMD POWER INDUCTOR
20070123-A
CB30111R8ML ABC-CB30111R8ML Datasheet
123Kb / 6P
SMD POWER INDUCTOR
20070123-A
CB3011220ML ABC-CB3011220ML Datasheet
123Kb / 6P
SMD POWER INDUCTOR
20070123-A
More results

Similar Description - CB3045CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF30L60CT CITC-CF30L60CT Datasheet
479Kb / 3P
30A Trench Schottky Rectifier
C30L100CT CITC-C30L100CT Datasheet
487Kb / 3P
30A Trench Schottky Rectifier
C30100CT CITC-C30100CT Datasheet
486Kb / 3P
30A Trench Schottky Rectifier
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
CF30L120CT CITC-CF30L120CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
CF3045CT CITC-CF3045CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
CF30100CT CITC-CF30100CT Datasheet
476Kb / 3P
30A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT30100CT DIODES-SDT30100CT Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30A100CT DIODES-SDT30A100CT Datasheet
714Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 6 - 2
SDT30A120CT DIODES-SDT30A120CT Datasheet
739Kb / 7P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com