Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF20L60CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # CF20L60CT
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF20L60CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CF20L60CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF20L60CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF20L60CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and Characteristic Curves
20A Trench Schottky Rectifier
CF20L60CT
Chip Integration Technology Corporation
Document ID : DS-11K011
Revised Date : 2016/07/28
Revision : C
■ Rating and Characteristic Curves
0.01
0.1
1
10
100
0
200
400
600
800
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 75oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 25oC
Per diode
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 75oC
Per diode
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
11
Average Forward Current, IF (A)
Fig. 3 - Forward Power Dissipation
Per diode
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
Per diode
1
10
100
1000
10000
0.01
0.1
1
10
100
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
Per diode



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com