Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF20100CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF20100CT
Description  20A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF20100CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF20100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF20100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF20100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CF20100
G.
•
CT
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CF20100CT
20A Trench Schottky Rectifier
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
Forward rectified current (total device)
Forward surge current (per diode)
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CF20100CT
UNIT
-40 ~ +150
20
150
A
A
O C
CF20100CT
V
R M
V
RW M
V
R R M
100
V
V
F
I
R
O
V = V
, T = 25 C
R
R R M
J
O
V = V
, T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
mV
mA
MIN.
MAX.
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
750
880
0.1
10
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Document ID : DS-11KFY
Revised Date : 2015/05/25
Revision : C3
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
PIN 1
PIN 3
PIN 2
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP


Similar Part No. - CF20100CT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CF200-A12C MURATA-PS-CF200-A12C Datasheet
183Kb / 4P
200 Watt High Density AC/DC Power Supply
logo
MERITEK ELECTRONICS COR...
CF200103GTR MERITEK-CF200103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF200103JTR MERITEK-CF200103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF200103KTR MERITEK-CF200103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Cvilux Corporation
CF20041U0R0-NH CVILUX-CF20041U0R0-NH Datasheet
225Kb / 2P
0.50mm(.031) 1IF FFC/FPC UPSIDE. CONTACT SURFACE MOUNT CONNECTOR
19.07.18
More results

Similar Description - CF20100CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF20L100CT CITC-CF20L100CT Datasheet
477Kb / 3P
20A Trench Schottky Rectifier
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
CF20S100CT CITC-CF20S100CT Datasheet
507Kb / 3P
20A Trench Schottky Rectifier
CTP20L60SG CITC-CTP20L60SG Datasheet
521Kb / 4P
20A Trench Schottky Rectifier
CU20L60CT CITC-CU20L60CT Datasheet
488Kb / 3P
20A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT20120CT DIODES-SDT20120CT Datasheet
756Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20B100CT DIODES-SDT20B100CT Datasheet
732Kb / 7P
20A TRENCH SCHOTTKY RECTIFIER
March 2022
SDT20A120CT DIODES-SDT20A120CT Datasheet
703Kb / 6P
20A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com