Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF30100CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CF30100CT
Description  30A Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CF30100CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CF30100CT Datasheet HTML 1Page - Chip Integration Technology Corporation CF30100CT Datasheet HTML 2Page - Chip Integration Technology Corporation CF30100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CF30100
G.
•
CT
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CF30100CT
Document ID : DS-11KE7
Revised Date : 2015/12/16
Revision : C5
30A Trench Schottky Rectifier
■ Mechanical data
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC ITO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CF30100CT
UNIT
-65 ~ +175
30
200
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
1
Marking code
CF30100CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
100
V
(per diode)
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
25
0.1
mV
mA
MIN.
MAX.
O
I = 15A, T = 25 C
F
J
O
I = 15A, T = 125 C
F
J
750
850
■ Outline
ITO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.390(9.9)
0.408(10.36)
0.268(6.8)
0.283(7.2)
0.583(14.8)
0.598(15.2)
0.512(13.0)
0.543(13.8)
0.102(2.6)
0.150(3.8)
0.101(2.55)
0.112(2.85)
0.043(1.1)
0.053(1.35)
0.043(1.1)
0.053(1.35)
0.020(0.5)
0.028(0.7)
0.098(2.49)
0.102(2.59)
0.169(4.3)
0.185(4.7)
0.112(2.85)
0.128(3.25)
0.098(2.5)
0.114(2.9)
0.020(0.5)
0.028(0.7)
0.130(3.3)
0.134(3.5)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.383(9.72)
0.404(10.27)
0.248(6.3)
0.272(6.9)
0.571(14.5)
0.610(15.5)
0.516(13.1)
0.547(13.9)
-
0.161(4.1)
0.094(2.4)
0.126(3.2)
0.039(1.0)
0.051(1.3)
0.039(1.0)
0.051(1.3)
0.020(0.5)
0.035(0.9)
0.095(2.41)
0.105(2.67)
0.169(4.3)
0.189(4.8)
0.055(1.4)
0.122(3.1)
0.091(2.3)
0.117(2.96)
0.014(0.35)
0.031(0.8)
0.122(3.1)
0.142(3.6)
Alternate
PIN 1
PIN 3
PIN 2
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP
Marking code
A
1
2
3
J
B
C
D
E
F
G
H
I
K
L
M
N
ØP


Similar Part No. - CF30100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF300 ETC-CF300 Datasheet
616Kb / 10P
N- Channel-GaAs-MESFET-Tetrode Depletion Mode
logo
Chip Integration Techno...
CF3045CT CITC-CF3045CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
logo
List of Unclassifed Man...
CF3050 ETC2-CF3050 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
Chip Integration Techno...
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
CF30L120CT CITC-CF30L120CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
More results

Similar Description - CF30100CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CF30L60CT CITC-CF30L60CT Datasheet
479Kb / 3P
30A Trench Schottky Rectifier
C30L100CT CITC-C30L100CT Datasheet
487Kb / 3P
30A Trench Schottky Rectifier
C30100CT CITC-C30100CT Datasheet
486Kb / 3P
30A Trench Schottky Rectifier
CB3045CT CITC-CB3045CT Datasheet
690Kb / 3P
30A Trench Schottky Rectifier
CF30L100CT CITC-CF30L100CT Datasheet
492Kb / 3P
30A Trench Schottky Rectifier
CF30L120CT CITC-CF30L120CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
CF3045CT CITC-CF3045CT Datasheet
468Kb / 3P
30A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT30100CT DIODES-SDT30100CT Datasheet
676Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2017
SDT30A100CT DIODES-SDT30A100CT Datasheet
714Kb / 6P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 6 - 2
SDT30A120CT DIODES-SDT30A120CT Datasheet
739Kb / 7P
30A TRENCH SCHOTTKY RECTIFIER
March 2022 Rev. 4 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com