Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA32 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OA32
Description  OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OA32 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OA32 Datasheet HTML 1Page - List of Unclassifed Manufacturers OA32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Output Slope D to Q
op_sldr
1.01
5.33
7.55
0.93
5.23
7.50
op_sldf
0.80
3.77
5.10
0.81
3.78
5.08
Output Slope E to Q
op_sler
0.95
5.32
7.56
0.92
5.26
7.48
op_slef
0.77
3.62
5.00
0.83
3.78
5.17
Sept. 1996
- 286 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OA32



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com