Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP4008B Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # OP4008B
Description  Quartz SAW Stabilized and Filtered ?쏡iff Sine??Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4008B Datasheet(HTML) 5 Page - RF Monolithics, Inc

  OP4008B Datasheet HTML 1Page - RF Monolithics, Inc OP4008B Datasheet HTML 2Page - RF Monolithics, Inc OP4008B Datasheet HTML 3Page - RF Monolithics, Inc OP4008B Datasheet HTML 4Page - RF Monolithics, Inc OP4008B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
669.327 MHz
Optical Timing Clock
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 5 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4008B-041003
SMC-8
8-Terminal Surface Mount Case
Dimen-
sion
mm
Inches
MIN
MAX
MIN
MAX
A
13.46
13.97
0.530
0.550
B
9.14
9.66
0.360
0.380
C
1.93 Nominal
0.076 Nominal
D
3.56 Nominal
0.141 Nominal
E
2.24 Nominal
0.088 Nominal
F
1.27 Nominal
0.050 Nominal
G
2.54 Nominal
0.100 Nominal
H
3.05 Nominal
0.120 Nominal
J
1.93 Nominal
0.076 Nominal
K
5.54 Nominal
0.218 Nominal
L
4.32 Nominal
0.170 Nominal
M
4.83 Nominal
0.190 Nominal
N
0.50 Nominal
0.020 Nominal
A
B
N
J
L
(X2)
D
(X8)
K
(X8)
C
H
G
M
(X3)
E
F
Terminal
Number
Connection
1
VCC
2
Ground
3
Ground
4
Q Output
5
Q Output
6
Ground
7
8
TUNE Input
LID
Ground
1
2
3
4
8
7
6
5
TOP VIEW
ELECTRICAL CONNECTIONS
Typically 0.01" to 0.05" or 0.25 mm to
1.25 mm (8 Places)
(The optimum value of this dimension is
dependent on the PCB assembly process
employed.)
Typical Printed Circuit Board Land Pattern
A typical land pattern for a circuit board is shown below. Grounding of
the metallic center pad is optional.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com