Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C18551 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C18551
Description  3.3V/5V 1 to 4 Clock Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C18551 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C18551 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8733A
09/27/04
PI6C18551
3.3V/5V 1 to 4 Clock Buffer
AC Electrical Characteristics (VDD = 3.3±5%, TA = -40 to 85°C)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
Fin
Input Frequency
0
160
MHz
Fo
Output Frequency
3.3V, 15pF load(5)
160
Fo
Output Frequency
5V, l5pF load(5)
135
TR
Rise Time
0.8V to 2.0V
1.5
ns
TF
Fall Time
2.0V to 0.8V
1.5
TPD
Propagation Delay
3.3V, 135MHz(2)
2
4
8
TPD
Propagation Delay
5V, 135MHz(2)
1.5
3
6
TSK
Output Skew
VDD/2(3)
250
ps
Notes:
1. With rail to rail input clock.
2. All outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle.
4. With external series resistor 33Ω positioned close to each output pin.
DC Electrical Characteristics (VDD = 5V ±5%, TA = -40 to 85°C)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VDD
5V I/O Supply Voltage
4.75
5.25
V
VIH
Input High Voltage
CLK_IN, Note 1
VDD/2 + 1
5.5
OE
2
VDD
VIL
Input Low Voltage
CLK_IN, Note 1
VDD/2 - 1
OE
0.8
VOH
Output High Voltage
IOH = -35mA
2.4
VOL
Output Low Voltage
IOL = 35mA
0.4
VOH
Output High Voltage (CMOS
Level)
IOH = -12mA
VDD – 0.4
IDD
Power Supply Current
No load at 135MHz
35
mA
ZO
Output Impedance
20
Ω
Cin
Input Capacitance
CLK_IN
TBD
pF
OE
TBD
RPU
Internal Pull-up Resistor
CLK_IN & OE
77
kΩ
IOS
Short Circuit Current
±
80
mA
Notes:
1. Nominal switching threshold is VDD/2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com