Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESR Datasheet(PDF) 1 Page - Rohm

Part # ESR
Description  Anti-surge chip resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR Datasheet(HTML) 1 Page - Rohm

  ESR Datasheet HTML 1Page - Rohm ESR Datasheet HTML 2Page - Rohm ESR Datasheet HTML 3Page - Rohm ESR Datasheet HTML 4Page - Rohm ESR Datasheet HTML 5Page - Rohm ESR Datasheet HTML 6Page - Rohm ESR Datasheet HTML 7Page - Rohm ESR Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Anti-surge chip resistors
ESR series
Datasheet
●
Features
1)Exclusive resistive element pattern and laser trimming technology results in
significantly improved surge resistance characteristics.
2)2kV to 5kV electrostatic discharge resistance.
3)Superior power ratings.
4)ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
5)Corresponds to AEC-Q200.
●
Products list
Part No.
Size
Rated
power
(70℃)
Limiting
element
voltage
Temperature
coefficient
Resistance
tolerance
Resistance range
Operating
temperature
range
Automotive
grade
available
(mm)
(inch)
(W)
(V)
(ppm/ ℃)
(%)
(Ω)
(℃)
ESR01
1005
0402
0.20
50
±100
F ( ±1% )
10≦R≦976k
(E24/96 series)
-55 ~ +155
Yes
±100
F ( ±1% )
1M≦R≦2.2M (E24 series)
+500/-250
J ( ±5% )
1≦R≦9.1
(E24 series)
±200
J ( ±5% )
10≦R≦10M
(E24 series)
ESR03
1608
0603
0.25
150
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±200
F ( ±1% )
1≦R<10
(E24/96 series)
±100
F ( ±1% )
10≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
ESR10
2012
0805
0.40
150
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±100
F ( ±1% )
1≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
ESR18
3216
1206
0.5
200
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±100
F ( ±1% )
1≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
ESR25
3225
1210
0.66
200
±100
D( ±0.5% )
10≦R≦1M
(E24/96 series)
-55 ~ +155
Yes
±100
F ( ±1% )
1≦R≦10M
(E24/96 series)
±200
J ( ±5% )
1≦R≦10M
(E24 series)
* E24 : Standard products, E96 : Custom products.
●
●
Part Number Description
E S R
1 0
E Z P
J
1 0 0
Part No.
Size (mm [inch])
Packaging specifications code
Resistance
tolerance
Nominal resistance
ESR
(Anti-surge
chip resistors)
01(1005 [0402])
Part No.
Code
Packaging
specifications
Quantity
/ Reel
Resistance code, 3 or 4 digits.
03(1608 [0603])
D( ±0.5% )
F ( ±1% )
J ( ±5% )
000 denotes jumper type.
10(2012 [0805])
ESR01
MZP
Paper tape
( 4mmPitch)
10,000
Resistance
tolerance
Resistance
code
18(3216 [1206])
25(3225 [1210])
ESR03
EZP
Paper tape
( 4mmPitch)
5,000
D,F
:
4 digits
J
:
3 digits
ESR10
EZP
Paper tape
( 4mmPitch)
5,000
EX.)
1Ω = 1R00 (±1%)
ESR18
EZP
Paper tape
( 4mmPitch)
5,000
1R0 (±5%)
10Ω = 10R0 (±0.5%,±1%)
ESR25
JZP
Embossed tape
( 4mmPitch)
4,000
100 (±5%)
1MΩ = 1004 (±0.5%,± 1%)
105 (±5%)
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
2016.12 - Rev.G


Similar Part No. - ESR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ESR TEC-ESR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Rohm
ESR ROHM-ESR Datasheet
877Kb / 7P
Anti-surge chip resistors
2020.07 - Rev.J
logo
FOTEK CONTROLS CO., LTD...
ESR-100AA FOTEK-ESR-100AA Datasheet
1Mb / 6P
High power three phase DC to AC Solid State Module
ESR-100AA FOTEK-ESR-100AA Datasheet
1Mb / 6P
High power three phase / Fuse Heat-sink type
ESR-100AA-H FOTEK-ESR-100AA-H Datasheet
1Mb / 6P
High power three phase DC to AC Solid State Module
More results

Similar Description - ESR

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com