Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PML Datasheet(PDF) 2 Page - Rohm

Part # PML
Description  Ultra-low ohmic chip resistors for current detection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML Datasheet(HTML) 2 Page - Rohm

  PML Datasheet HTML 1Page - Rohm PML Datasheet HTML 2Page - Rohm PML Datasheet HTML 3Page - Rohm PML Datasheet HTML 4Page - Rohm PML Datasheet HTML 5Page - Rohm PML Datasheet HTML 6Page - Rohm PML Datasheet HTML 7Page - Rohm PML Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PML series
Datasheet
Chip resistor dimensions and markings
PML 10 / 18
PML 50 / 100
<Marking method>
There are four digits used for the calculation number "L" is
used for the decimal point of m .
Ex.) 2mΩ = 2L00
10mΩ = 10L0
(Unit:mm)
Part No.
(mm)
(inch)
L
W
t
a
b
Marking
existence
PML10
2102
2102
1.20±0.15
2.0±0.15
0.42 0.28*±0.15
-
0.45 0.35*±0.25
Yes
PML18
3216
3216
1.60±0.15
3.20±0.15
0.42 0.28*±0.15
-
0.55 0.35*±0.20
Yes
PML50
5025
5025
2.60±0.20
5.00±0.20
0.50 0.36*±0.15
0.40±0.20
0.75 0.70*±0.20
Yes
PML100
6432
6432
3.20±0.25
6.40±0.25
0.50 0.36*±0.15
0.45±0.25
0.90 0.70*±0.25
Yes
* : Each value range varies with the resisrance. Please contact a ROHMsales representative for futher details.
Land pattern example
(Unit:mm)
Dimensions
A
B
C
D
Part No.
PML10
0.14
1.6
2.0
0.73
PML18
0.325
2.675
3.2
1.175
PML50
0.8
3.35
5.0
1.275
PML100
0.8
4.2
6.4
1.7
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
2/4
2017.01 - Rev.D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com