Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSL0901WT Datasheet(PDF) 6 Page - Rohm

Part # CSL0901WT
Description  Lens Type LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901WT Datasheet(HTML) 6 Page - Rohm

  CSL0901WT Datasheet HTML 1Page - Rohm CSL0901WT Datasheet HTML 2Page - Rohm CSL0901WT Datasheet HTML 3Page - Rohm CSL0901WT Datasheet HTML 4Page - Rohm CSL0901WT Datasheet HTML 5Page - Rohm CSL0901WT Datasheet HTML 6Page - Rohm CSL0901WT Datasheet HTML 7Page - Rohm CSL0901WT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
Direction for Circuit Board Warping
0.8mm
0.85m
m
0.8m
m
0.8m
m
CSL0901 Series
6/6
2016.03 - Rev.B
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It will be
different according to mounting situation of circuit board, therefore,
please concern before designing.
※
The product has adopted the electrode structure that it should solder
with back electrode of the product. Thus, please be informed that the
shape of electrode pin of solder fillet formation is not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(※)
・
Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180ºC
Tsmin
Minimum of pre-heating temperature
140ºC
ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230 to 260ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
260ºC(Max)
tP
Time for peak temperature
Within 10sec.
Δ
TR/Δt
Temperature rising rate
Under 3ºC/sec.
Δ
TD/Δt
Temperature decreasing rate
Over -3ºC/sec.
※
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow
furnaces before using, because stress from circuit boards and temperature variations of reflow furnaces vary
by customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com