Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HD2 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HD2
Description  QUAD DIFFERENTIAL LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HD2 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HD2 Datasheet HTML 1Page - IC-Haus GmbH IC-HD2 Datasheet HTML 2Page - IC-Haus GmbH IC-HD2 Datasheet HTML 3Page - IC-Haus GmbH IC-HD2 Datasheet HTML 4Page - IC-Haus GmbH IC-HD2 Datasheet HTML 5Page - IC-Haus GmbH IC-HD2 Datasheet HTML 6Page - IC-Haus GmbH IC-HD2 Datasheet HTML 7Page - IC-Haus GmbH IC-HD2 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iC-HD2
QUAD DIFFERENTIAL LINE DRIVER
Rev A6, Page 3/8
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Supply Voltage VB
0
40
V
G002 Vin()
Voltage at Inputs I1...I4
0
VB
V
G003 Vin()
Voltage at Input NEN
0
VB
V
G004 V()
Voltage at Outputs O1...O4, NO1...NO4
0
VB
V
G005 I()
Current in Outputs O1...O4, NO1...NO4
-500
500
mA
G006 I(VREF)
Current in VREF
-10
0.5
mA
G007 V(NERR)
Voltage at NERR
0
VB
V
G008 I(NERR)
Current in NERR
-10
10
mA
G009 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G010 Tj
Junction Temperature
-40
150
◦C
G011 Ts
Storage Temperature
-40
150
◦C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature
(extended range to -40◦C on request)
-25
125
◦C
T02
Rthja
Thermal Resistance Chip To Ambient
TSSOP20 surface mounted, no special heat
sink
80
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com