Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MB4 Datasheet HTML 1Page - IC-Haus GmbH IC-MB4 Datasheet HTML 2Page - IC-Haus GmbH IC-MB4 Datasheet HTML 3Page - IC-Haus GmbH IC-MB4 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 3/40
PACKAGING INFORMATION TO JEDEC
PIN CONFIGURATION TSSOP24
(topview)
PIN FUNCTIONS
No. Name
Function
SPI Communication Mode
(CFGSPI = 1)
1 NCS
SPI Chip Select Input, active low
2 ALE
SPI Clock Input
3 DB0
SPI Serial Data Input
4 DB1
SPI Serial Data Output
7 DB4
SPI2 Chip Select Input, active low
8 DB5
SPI2 Clock Input
9 DB6
SPI2 Serial Data Input
10 DB7
SPI2 Serial Data Output
Data Bus Communication Mode
(CFGSPI = 0)
1 NCS
Chip Select Input, active low
2 ALE
Address Latch Enable Input
3 DB0
Data Bus Input/Output
4 DB1
Data Bus Input/Output
5 DB2
Data Bus Input/Output
6 DB3
Data Bus Input/Output
7 DB4
Data Bus Input/Output
8 DB5
Data Bus Input/Output
9 DB6
Data Bus Input/Output
10 DB7
Data Bus Input/Output
11 GND
Ground
12 VDD
+3 V . . . +5.5 V Supply Voltage
13 EOT
End of transmission Output
14 GETSENS Sensor Data Request Input
15 NER
Error Message Input/Output,
low active
16 MA1
BiSS Clock Line Output
17 SL1
BiSS Data Line Input
18 INT_NMOT Communication Mode Select Input
(Intel = 1, Motorola = 0)
19 CFGSPI
Serial/Parallel Mode Select Input
(serial SPI = 1, parallel = 0)
20 NRES
Reset Input, low active
21 CLK
External Clock Input
22 MO1
BiSS Data Line Output
Intel Mode (INT_NMOT = 1)
23 NWR_E
Write Input, active low
24 NRD_RNW Read Input, active low
Motorola Mode (INT_NMOT = 0)
23 NWR_E
Enable Input, active high
24 NRD_RNW Read/Not-Write Select Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com