Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC908JB8FS Datasheet(PDF) 1 Page - Motorola, Inc

Part # 68HC908JB8FS
Description  Freescale Semiconductor, Inc.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908JB8FS Datasheet(HTML) 1 Page - Motorola, Inc

  68HC908JB8FS Datasheet HTML 1Page - Motorola, Inc 68HC908JB8FS Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• PC peripherals
(keyboard, mouse, joystick)
• RF wireless receivers
• USB converters
• USB security keys for
e-commerce
• Game pads
• Set-top box peripherals
TARGET APPLICATIONS
HIGH-PERFORMANCE 68HC08 CPU CORE
INTEGRATED SECOND GENERATION FLASH MEMORY
FULL USB 1.1 SPECIFICATION LOW-SPEED FUNCTIONS
MULTIPLE CLOCK OPTIONS
• In-application re-programmable
• Extremely fast programming, encoding
64 bytes in as fast as 2 msec
• FLASH programming across the 68HC08’s
full operating supply voltage with no extra
programming voltage
• 10K write/erase cycles minimum over
temperature
• Flexible block protection and security
• Cost-effective programming changes and
field software upgrades via in-application
programmability and re-programmability
• Reduces production programming costs
through ultra-fast programming
• Allows re-programmable battery-powered
applications
• Byte-writable for data as well as program
memory
• Protects code from unauthorized reading
and to guard against unintentional
erasing/writing of user-programmable
segments of code
• 1.5 Mbps data rate
• On-chip 3.3V regulator
• Endpoint 0 with 8-byte transmit buffer and
8-byte receive buffer
• Endpoint 1 with 8-byte transmit buffer
• Endpoint 2 with 8-byte transmit buffer and
8-byte receive buffer
• Designed to serve as a low-speed (LS) USB
device, in accordance with the Universal
Serial Bus Specification Rev. 1.1
• Integrated 3.3V regulator reduces system
cost
• Crystal oscillator
• Ceramic oscillator
• External clock
• RC oscillator
• Flexible clock options optimize timing
accuracy with system cost
FEATURES
BENEFITS
A FLASH MCU SOLUTION
68HC908JB8
8-bit Microcontroller
This 8-bit 68HC908JB8 is an upwardly
compatible, versatile migration from
Motorola’s groundbreaking 68HC05
universal serial bus (USB) Family. The
innovative design features an on-chip USB
module for faster, more reliable PC
peripheral applications. An energy-saving,
low-power solution, the 68HC908JB8 is
embedded with Motorola’s second-
generation embedded FLASH technology to
enable in-system programmability.
•3 MHz bus operation at 3V for 333 nsec
minimum instruction cycle time
• Efficient instruction set including multiply
and divide
• 16 flexible addressing modes including
stack relative with 16-bit stack pointer
• Fully static low-voltage, low-power design
with wait and stop modes
• Object code compatible with the 68HC05
• Easy to learn and use architecture
•C optimized architecture provides compact
code
CPU08
256 RAM
8K FLASH
MON
BRK
SIM
IRQ
COP
LVI
OSC
TIM
KBI
USB
PORT A
PORT B
PORT C
PORT D
PORT E
VREG
8
8
8
8
5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 68HC908JB8FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
68HC908 ETC-68HC908 Datasheet
687Kb / 20P
Programmiergerat
logo
Motorola, Inc
68HC908GR MOTOROLA-68HC908GR Datasheet
3Mb / 408P
Microcontrollers
68HC908LJ12 MOTOROLA-68HC908LJ12 Datasheet
604Kb / 16P
Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
68HC908MR16CB FREESCALE-68HC908MR16CB Datasheet
1Mb / 282P
M68HC08 Microcontrollers
68HC908MR16CFU FREESCALE-68HC908MR16CFU Datasheet
1Mb / 282P
M68HC08 Microcontrollers
More results

Similar Description - 68HC908JB8FS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
Freescale Semiconductor, Inc.
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
MC14600 MOTOROLA-MC14600 Datasheet
250Kb / 8P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68HC16Z1CAG25 FREESCALE-MC68HC16Z1CAG25 Datasheet
5Mb / 500P
Freescale Semiconductor, Inc.
MC68MH360AI25L FREESCALE-MC68MH360AI25L Datasheet
4Mb / 158P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com