| Electronic Components Datasheet Search |
|
MS8607 Datasheet(PDF) 6 Page - Humirel |
|
|
|||||||||||||||||||||||||||||
MS8607 Datasheet(HTML) 6 Page - Humirel |
|
6 / 4 page ![]() MEAS MS8607 DCS FOR ZedBoard Digital Pressure and Humudity Sensor SENSOR SOLUTIONS /// MEAS MS8607 DCS DEVELOPMENT KIT 07/2016 Page 6 Running the Console Application The console application is intended to demonstrate the required operations when using the sensor. a. After startup, it is a good idea to reset the sensor. This puts it in a known state. Do this by selecting (1) in the console application. b. Each sensor is tested at the factory to determine the variation of the sensor due to fabrication. Calibration coefficients are stored in the device at that time for later use in calculating the correct output. These coefficient values must be read from the device and stored in software variables before measurements can be taken. Do this by selecting (2) in the console application. Now the sensor and the software are setup and ready to use. These first two steps only need to be performed at power up. c. The console application option (3) displays a menu that allows the user to select from the four possible humidity resolution modes of the sensor. d. The console application option (4) displays a menu that allows the user to select from the six possible pressure over- sampling resolution modes of the sensor. e. The console application option (5) reads the temperature, pressure, and relative humidity values and displays each of them once. f. The console application option (6) reads the temperature, pressure, and relative humidity 20 times each at approximately two measurement triplets per second and displays them to the screen in real time. g. The console application option (7) computes the dew point from the last measured temperature and relative humidity values. h. The console application option (8) reads the MS8607’s battery status and displays it to the console. i. The console application option (9) reads the MS8607’s heater status and displays it to the console. j. The console application option (0) sends the I2C command to the MS8607 device that enables the on-chip heater. k. The console application option (A) sends the I2C command to the MS8607 device that disables the on-chip heater. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |