Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6FR10 Datasheet(PDF) 4 Page - International Rectifier

Part # 6FR10
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6FR10 Datasheet(HTML) 4 Page - International Rectifier

  6FR10 Datasheet HTML 1Page - International Rectifier 6FR10 Datasheet HTML 2Page - International Rectifier 6FR10 Datasheet HTML 3Page - International Rectifier 6FR10 Datasheet HTML 4Page - International Rectifier 6FR10 Datasheet HTML 5Page - International Rectifier 6FR10 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6F(R) Series
4
Bulletin I20206 rev. A 09/98
www.irf.com
Outlines Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
155
160
165
170
175
01
2345
67
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
6F(R) Series
R
(DC) = 2.5 K/W
thJC
155
160
165
170
175
02
468
10
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
6F(R) Series
R
(DC) = 2.5 K/W
thJC
Case Style DO-203AA (DO-4)
All dimensions in millimeters (inches)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com