Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960 Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960 Datasheet HTML 11Page - Intel Corporation 80960 Datasheet HTML 12Page - Intel Corporation 80960 Datasheet HTML 13Page - Intel Corporation 80960 Datasheet HTML 14Page - Intel Corporation 80960 Datasheet HTML 15Page - Intel Corporation 80960 Datasheet HTML 16Page - Intel Corporation 80960 Datasheet HTML 17Page - Intel Corporation 80960 Datasheet HTML 18Page - Intel Corporation 80960 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
Advance Information Datasheet
15
80960JA/JF/JD/JT 3.3 V Microprocessor
The 196-ball Mini Plastic Ball Grid Array (MPBGA) device is specified for operation at
VCC = 3.3 V ± 0.15 V over a case temperature range of 0° to 100°C:
• GD80960JT-100 (100 MHz core, 33 MHz bus)
• GD80960JT-75 (75 MHz core, 25 MHz bus)
• GD80960JD-50 (50 MHz core, 25 MHz bus)
• GD80960JD-40 (40 MHz core, 20 MHz bus)
• GD80960JD-33 (33 MHz core, 16 MHz bus)
• GD80960JA/JF-33 (33 MHz)
• GD80960JA/JF-25 (25 MHz)
• GD80960JA/JF-16 (16 MHz)
For package specifications and information, refer to Intel’s Packaging Handbook (240800).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com