Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5161 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5161
Description  256-Position SPI/I2C Selectable Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161 Datasheet(HTML) 1 Page - Analog Devices

  AD5161 Datasheet HTML 1Page - Analog Devices AD5161 Datasheet HTML 2Page - Analog Devices AD5161 Datasheet HTML 3Page - Analog Devices AD5161 Datasheet HTML 4Page - Analog Devices AD5161 Datasheet HTML 5Page - Analog Devices AD5161 Datasheet HTML 6Page - Analog Devices AD5161 Datasheet HTML 7Page - Analog Devices AD5161 Datasheet HTML 8Page - Analog Devices AD5161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
256-Position SPI/I2C Selectable
Digital Potentiometer
AD5161
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
256-position
End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Compact MSOP-10 (3 mm × 4.9 mm) package
Pin selectable SPI/I2C compatible interface
Extra package address decode pin AD0
Full read/write of wiper register
Power-on preset to midscale
Single supply 2.7 V to 5.5 V
Low temperature coefficient 45 ppm/°C
Low power, IDD = 8 µA
Wide operating temperature –40°C to +125°C
SDO output allows multiple device daisy-chaining
Evaluation board available
APPLICATIONS
Mechanical potentiometer replacement in new designs
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
GENERAL OVERVIEW
The AD5161 provides a compact 3 mm × 4.9 mm packaged
solution for 256-position adjustment applications. These devices
perform the same electronic adjustment function as mechanical
potentiometers or variable resistors, with enhanced resolution,
solid-state reliability, and superior low temperature coefficient
performance.
The wiper settings are controllable through a pin selectable SPI
or I2C compatible digital interface, which can also be used to
read back the wiper register content. When the SPI mode is
used, the device can be daisy-chained (SDO to SDI), allowing
several parts to share the same control lines. In the I2C mode,
address pin AD0 can be used to place up to two devices on the
same bus. In this same mode, command bits are available to
reset the wiper position to midscale or to shut down the device
into a state of zero power consumption.
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 5 µA allows for usage in portable battery-operated
applications.
FUNCTIONAL BLOCK DIAGRAM
WIPER
REGISTER
SDI/SDA
CLK/SCL
DIS
CS/AD0
GND
SDO/NC
VDD
A
W
B
SPI OR I2C
INTERFACE
Figure 1.
PIN CONFIGURATION
1
2
3
4
5
10
9
8
7
6
A
B
CS/ADO
SDO/NC
SDI/SDA
DD
AD5161
TOP VIEW
(Not to Scale)
W
V
DIS
GND
CLK/SCL
Figure 2.
Note:
The terms digital potentiometer, VR, and RDAC are used interchangeably.
Purchase of licensed I
2C components of Analog Devices or one of its sublicensed
Associated Companies conveys a license for the purchaser under the Philips I
2C
Patent Rights to use these components in an I
2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.


Similar Part No. - AD5161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
361Kb / 7P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161 AD-AD5161 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRM10 AD-AD5161BRM10 Datasheet
361Kb / 7P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161BRM10 AD-AD5161BRM10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRM10-RL7 AD-AD5161BRM10-RL7 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
More results

Similar Description - AD5161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
361Kb / 7P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com