Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5241
Description  I2C Compatible 256-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5241 Datasheet HTML 3Page - Analog Devices AD5241 Datasheet HTML 4Page - Analog Devices AD5241 Datasheet HTML 5Page - Analog Devices AD5241 Datasheet HTML 6Page - Analog Devices AD5241 Datasheet HTML 7Page - Analog Devices AD5241 Datasheet HTML 8Page - Analog Devices AD5241 Datasheet HTML 9Page - Analog Devices AD5241 Datasheet HTML 10Page - Analog Devices AD5241 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
CODE – Decimal
1.0
0.5
0
–0.5
–1.0
256
224
192
160
128
96
64
32
0
VDD/VSS = +2.7V/0V
VDD = +2.7V
VDD = +5.5V
VDD = 2.7V
VDD/VSS = +5.5V/0V, 2.7V
TPC 1. RDNL vs. Code
CODE – Decimal
1.0
0.5
0
–0.5
–1.0
224
192
160
128
96
64
32
0
256
VDD/VSS = +5.5V/0V, 2.7V
VDD = +2.7V
VDD = +5.5V
VDD = 2.7V
VDD/VSS = +2.7V/0V
TPC 2. RINL vs. Code
CODE – Decimal
0.25
0.13
0
–0.13
–0.25
256
224
192
160
128
96
64
32
0
VDD/VSS = +2.7V/0V, +5.5V/0V, 2.7V
VDD = +2.7V
VDD = +5.5V
VDD =
2.7V
TPC 3. DNL vs. Code
–7–
Typical Performance Characteristics–AD5241/AD5242
CODE – Decimal
0.50
0.25
0
–0.25
–0.50
256
224
160
128
64
32
0
192
96
VDD = +2.7V
VDD = +5.5V
VDD = 2.7V
VDD/VSS = 2.7V
VDD/VSS = +2.7V/0V, +5.5V/0V
TPC 4. INL vs. Code
10000
100
1
80
60
40
20
0
–20
–40
TEMPERATURE – C
VDD = 2.7V
TA = 25 C
10
1000
10k
1M
100k
TPC 5. Nominal Resistance vs. Temperature
10000
1000
100
10
1
5
4
3
2
1
0
INPUT LOGIC VOLTAGE – V
VDD = 2.5V
VDD = 3V
VDD = 5V
TPC 6. Supply Current vs. Input Logic Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com