Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVR-6300S Datasheet(PDF) 2 Page - AAEON Technology

Part # NVR-6300S
Description  Dual-Channel 240-pin DDR3 1600 MHz DIMM x 4, Up to 32 GB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

NVR-6300S Datasheet(HTML) 2 Page - AAEON Technology

  NVR-6300S Datasheet HTML 1Page - AAEON Technology NVR-6300S Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-7
12-8
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.
Dimension
Unit: mm
NVR-6300S
• Product CD
• NVR-6300S
Packing List
Ordering Information
Part Number
Chipset
RAM
Cooler
Storage
RAID
Support
Display
LAN
PoE
USB
RS-232 RS-232/422/485
Expansion Slot
Form Factor Power
NVR-6300S-X60-A10
Intel®
Q87
240-pin
SODIMM
Fan
3.5" SATA HDD Hot Swappable Tray x 12 + 2.5" HDD Hot
Swappable Bay x 1 + 3.5" or 2.5" Internal HDD bay x 1 +
DVD-ROM x 1
0/1/5/10
VGA x 1, HDMI x 1,
DP x 1
GbE x 2
2 Ports
(Optional)
USB3.0 x 4 ,
UBS2.0 x 8
—
—
PCI-e [x16] x 1,
PCI-e [x4] x 1
4U
Rackmount
600W ATX
Optional Accessories
• 1702031802
(TF) Power Cord, 3P-125V 10A 180D, 1.8M, USA & Taiwan
• 1702031803
(TF) Power Cord, 3P-250V 10A 180D, 1.8M, Europe
• 170203180B
(TF) Power Cord, 3P (M), 3P (F), 1.8m, 250V, 10A, China
• 978325000A
(TF) 2.5” HDD, 250 GB, SATA, 5400rpm, WD, WD2500BPVT
• 9783320003
(TF) 3.5” HDD, 320 GB, SATA-3, 7200rpm, WD, WD3200AAKX
• 14D6B04G22
(TF) 4 GB, DDR3-1333, 240-Pin, ELPIDA (256M x 8), DSL
• 968D3008G3
(TF) 8 GB, DDR3-1333, (Non ECC), 240-Pin, (512M x 8), DSL
763.2
586.2
177.0
188.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com