Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0831 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0831
Description  A/D PERIPHERALS WITH SERIAL CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0831 Datasheet(HTML) 1 Page - Texas Instruments

  ADC0831 Datasheet HTML 1Page - Texas Instruments ADC0831 Datasheet HTML 2Page - Texas Instruments ADC0831 Datasheet HTML 3Page - Texas Instruments ADC0831 Datasheet HTML 4Page - Texas Instruments ADC0831 Datasheet HTML 5Page - Texas Instruments ADC0831 Datasheet HTML 6Page - Texas Instruments ADC0831 Datasheet HTML 7Page - Texas Instruments ADC0831 Datasheet HTML 8Page - Texas Instruments ADC0831 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADC0831A, ADC0832A, ADC0831B, ADC0832B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS006 – AUGUST 1985 – REVISED JUNE 1986
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D 8-Bit Resolution
D Easy Microprocessor interface or
Stand-Alone Operation
D Operates Ratiometrically or With 5-V
Reference
D Single Channel or Multiplexed Twin
Channels With Single-Ended or Differential
Input Options
D Input Range 0 to 5 V With Single 5-V Supply
D Inputs and Outputs Are Compatible With
TTL and MOS
D Conversion Time of 32 µs at CLK = 250 kHz
D Designed to Be interchangeable With
National Semiconductor ADC0831 and
ADC0832
DEVICE
TOTAL UNADJUSTED ERROR
DEVICE
A-SUFFIX
B-SUFFIX
ADC0831
± 1 LSB
± 1/2 LSB
ADC0832
± 1 LSB
± 1/2 LSB
description
These devices are 8-bit successive-approximation analog-to-digital converters. The ADC0831A and
ADC0831B have single input channels; the ADC0832A and ADC0832B have multiplexed twin input channels.
The serial output is configured to interface with standard shift registers or microprocessors. Detailed information
on interfacing to most popular microprocessors is readily available from the factory.
The ADC0832 multiplexer is software configured for single-ended or differential inputs. The differential analog
voltage input allows for common-mode rejection or offset of the analog zero input voltage value. In addition,
the voltage reference input can be adjusted to allow encoding any smaller analog voltage span to the full 8 bits
of resolution.
The operation of the ADC0831 and ADC0832 devices is very similar to the more complex ADC0834 and
ADC0838 devices. Ratiometric conversion can be attained by setting the REF input equal to the maximum
analog input signal value, which gives the highest possible conversion resolution. Typically, REF is set equal
to VCC (done internally on the ADC0832). For more detail on the operation of the ADC0831 and ADC0832
devices, refer to the ADC0834/A DC0838 data sheet.
The ADC0831AC, ADC0831BC, ADC0832AC, and ADC0832BC are characterized for operation from 0
°C
to 70
°C. The ADC0831AI, ADC0831BI, ADC0832AI, and ADC0832BI are characterized for operation from
–40
°C to 85°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
CS
IN+
IN–
GND
VCC
CLK
DO
REF
ADC0831 . . . P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CS
CH0
CH1
GND
VCC/REF
CLK
DO
DI
ADC0832 . . . P PACKAGE
(TOP VIEW)


Similar Part No. - ADC0831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
SYC Electronica
ADC0831-4 SYC-ADC0831-4 Datasheet
802Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0831

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
Texas Instruments
ADC0834A TI-ADC0834A Datasheet
176Kb / 13P
A/D PERIPHERALS WITH SERIAL CONTROL
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
A serial control LED driver for car
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
10-Bit A/D Concerter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
8-Bit A/D Converters With Serial Interface
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com