Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7174KCP Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7174KCP
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174KCP Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7174KCP Datasheet HTML 38Page - Analog Devices ADV7174KCP Datasheet HTML 39Page - Analog Devices ADV7174KCP Datasheet HTML 40Page - Analog Devices ADV7174KCP Datasheet HTML 41Page - Analog Devices ADV7174KCP Datasheet HTML 42Page - Analog Devices ADV7174KCP Datasheet HTML 43Page - Analog Devices ADV7174KCP Datasheet HTML 44Page - Analog Devices ADV7174KCP Datasheet HTML 45Page - Analog Devices ADV7174KCP Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 42 of 52
APPENDIX 3—COPY GENERATION MANAGEMENT SYSTEM (CGMS)
The ADV7174/ADV7179 supports the CGMS, conforming to
the standard. CGMS data is transmitted on Line 20 of the odd
fields and on Line 283 of the even fields. Bits C/W05 and
C/W06 control whether or not CGMS data is output on odd
and even fields. CGMS data can only be transmitted when the
ADV7174/ ADV7179 is configured in NTSC mode. The CGMS
data is 20 bits long, the function of each of these bits is as shown
below. The CGMS data is preceded by a reference pulse of the
same amplitude and duration as a CGMS bit (see Figure 57).
The bits are output from the configuration registers in the
following order: C/W00 = C16, C/W01 = C17, C/W02 = C18,
C/W03 = C19, C/W10 = C8, C/ W11 = C9, C/W12 = C10,
C/W13 = C11, C/W14 = C12, C/ W15 = C13, C/W16 = C14,
C/W17 = C15, C/W20 = C0, C/W21 = C1, C/W22 = C2, C/W23
= C3, C/W24 = C4, C/W25 = C5, C/W26 = C6, C/W27 = C7. If
Bit C/W04 is set to a Logic 1, the last six bits, C19–C14, which
comprise the 6-bit CRC check sequence, are calculated
automatically on the ADV7174/ADV7179 based on the lower
14 bits (C0–C13) of the data in the data registers and output
with the remaining 14 bits to form the complete 20 bits of the
CGMS data. The calculation of the CRC sequence is based on
the polynomial X6 + X + 1 with a preset value of 111111. If
C/W04 is set to a Logic 0, all 20 bits (C0–C19) are directly
output from the CGMS registers (no CRC is calculated; it must
be calculated by the user).
FUNCTION OF CGMS BITS
Word 0 –6 Bits
Word 1 –4 Bits
Word 2 –4 Bits
CRC –6 Bits CRC Polynomial = X6 + X + 1 (Preset to 111111)
Table 21. Bit 1–Bit 14
Word
Bit
Function
Word 0
1
0
B1
Aspect Ratio
16:9
4:3
B2
Display Format
Letterbox
Normal
B3
Undefined
B4, B5, B6
Identification information about video and other signals, for example, audio
Word 1
B7, B8, B9, B10
Identification signal incidental to Word 0
Word 2
B11, B12, B13, B14
Identification signal and information incidental to Word 0
CRC SEQUENCE
11.2
µs
2.235
µs ± 20ns
49.1
µs ± 0.5µs
REF
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19
100 IRE
70 IRE
0 IRE
–40 IRE
Figure 57. CGMS Waveform Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com