Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT75C310 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT75C310
Description  Smart Internet Appliance Processor Electrical and Mechanical Characteristics
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT75C310 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT75C310 Datasheet HTML 7Page - ATMEL Corporation AT75C310 Datasheet HTML 8Page - ATMEL Corporation AT75C310 Datasheet HTML 9Page - ATMEL Corporation AT75C310 Datasheet HTML 10Page - ATMEL Corporation AT75C310 Datasheet HTML 11Page - ATMEL Corporation AT75C310 Datasheet HTML 12Page - ATMEL Corporation AT75C310 Datasheet HTML 13Page - ATMEL Corporation AT75C310 Datasheet HTML 14Page - ATMEL Corporation AT75C310 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AT75C310
11
Figure 10. Static Memory Read Cycle (LCD Mode, Two Wait States)
Table 9. Static Memory Read Cycle (LCD Mode, Two Wait States) Timings
Symbol
Parameter
Min (ns)
Max (ns)
t
CSLCSH
Chip Select Low to Chip Select High Time
82.0
tAVCSL
Address Valid to Chip Select Low
18.0
t
CSHAH
Address Hold after Chip Select High
21.0
t
RLRH
Read Strobe Low to Read Strobe High Time
102.0
tRLDV1
Read Strobe Low to Data Valid Time – Standard
Read Mode
89.0
t
RLDV2
Read Strobe Low to Data Valid Time – Early Read
Mode
110.0
t
CSLDV
Chip Select Low to Data Valid
88.0
t
AVDV
Address Valid to Data Valid
107.0
tRHAH
Address Hold after Read Strobe High
1.0
t
RHDH
Data Hold after Read Strobe High
0
t
CSHDH
Data Hold after Chip Select High
18.0
tCSLCSH
A
NCE3
D
tCSHAH
tRLRH
tCSHDH
tRHDH
tAVCSL
NSOE
(Early Read Mode)
tRHAH
tRLDV1
tCSLDV
tAVDV
tRLDV2
NSOE
(Standard Read Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com