Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX1536 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASX1536
Description  Ku Band Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1536 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASX1536 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1536 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1536
12
14
16
18
20
22
24
26
28
30
32
34
Output Power / Tone (dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
12
14
16
18
20
22
24
26
28
30
32
34
Output Power / Tone (dBm)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
VDD = +7 V, IDD = 1300 mA, Δf = 10 MHz
@ 15.5 GHz
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz
@ 16.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com