Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX1037 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX1037
Description  X Band Power Amplifier MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1037 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX1037 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1037 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX1037
1. Product Overview
1.1 General Description
ASX1037 is a two-stage internally matched MMIC Power Amplifier which operates between 8.5GHz and
10.5 GHz frequency range. This product is well suited for X band applications.
1.2 Features
 Frequency Range: 8.5 - 10.5 GHz
 Saturated Output Power: 37 dBm
 Power Added Efficiency: 38 %
 Small Signal Gain: 15 dB
 Output Third Order Intercept Point: 42 dBm
 Bias: VDD = +7 V, IDD = 1300 mA, VGG = -1.05 V (Typical)
100% DC and RF tested
1.3 Applications
 Point to Point Radio
 Communications
1.4 Package Profile & RoHS Compliance
10-lead Flange Package
RoHS-compliant
ASX1037 Data Sheet
X Band Power Amplifier MMIC


Similar Part No. - ASX1037

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
X Band Power Amplifier MMIC
January 2017
More results

Similar Description - ASX1037

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
X-Band Power Amplifier MMIC
logo
Eudyna Devices Inc
ESM5068VU EUDYNA-ESM5068VU Datasheet
222Kb / 16P
X-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
K-Band Power Amplifier MMIC
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
Ku Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
K-Band Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA246 FILTRONIC-FMA246_1 Datasheet
347Kb / 5P
HIGH GAIN X-BAND MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
Ku Band Power Amplifier MMIC
January 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
X Band Power Amplifier MMIC
January 2017
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
X Band Power Amplifier MMIC
June 2017
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
Wide Band Power Amplifier MMIC
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com