Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS560B-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSS560B-A
Description  5A Surface Mount Super Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSS560B-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSS560B-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSS560B-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSS560B-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSS560BG-A.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
5A Surface Mount Super Low Barrier Diode
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Forward voltage drop
Reverse current
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
Note : 1.Theoretical RθJS calculated from the top center of the die straight down to the PCB cathode tab solder junction.
2.Polymide PCB, 2oz.Copper.
I
O
I
F S M
R
θ J S
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSS560B-A
UNIT
-65 ~ +150
5
200
A
A
O C/W
O C
60
R
θ J A
Junction to ambient(2)
O C/W
Junction to soldering(1)
3
CSS560
V
R M
V
RW M
V
R R M
60
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
420
480
O
I = 10A, T = 25 C
F
J
520
O
V
= V
T = 125 C
R
R R M
J
CSS560B-A
Document ID : DS-12KEJ
Revised Date : 2014/02/24
Revision : C1
Dimensions in inches and (millimeters)
SMB(DO-214AA)
Marking code
0.126 (3.20)
0.078 (1.99)
0.087 (2.20)
0.071 (1.80)
0.157 (4.00)
0.130 (3.30)
0.191 (4.85)
0.157 (4.00)
0.012 (0.31)
MAX.
0.220 (5.60)
0.197 (5.00)
0.063 (1.60)
0.028 (0.70)
0.008 (0.21)
MAX.
Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AA / SMB
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.003 ounce, 0.091 gram


Similar Part No. - CSS560B-A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-12 TDK-CSS500-12 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-24 TDK-CSS500-24 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-30 TDK-CSS500-30 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
CSS500-36 TDK-CSS500-36 Datasheet
746Kb / 2P
500W AC-DC Medical or Industrial Power Supplies
More results

Similar Description - CSS560B-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
logo
Chip Integration Techno...
CL545A CITC-CL545A Datasheet
470Kb / 3P
5A Surface Mount Low Barrier Diode
CL545B CITC-CL545B Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL545B-A CITC-CSL545B-A Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL5100B-A CITC-CSL5100B-A Datasheet
469Kb / 3P
5A Surface Mount Low Barrier Diode
CSP10S100S-A CITC-CSP10S100S-A Datasheet
464Kb / 3P
10A Surface Mount Super Low Barrier Diode
CSP12S120S CITC-CSP12S120S Datasheet
466Kb / 3P
12A Surface Mount Super Low Barrier Diode
CSP545S-A CITC-CSP545S-A Datasheet
464Kb / 3P
5A Surface Mount Low Barrier Diode
CSTP15S45S CITC-CSTP15S45S Datasheet
468Kb / 3P
15A Surface Mount Trench Super Low Barrier Diode
logo
FutureWafer Tech Co.,Lt...
ES5D FUTUREWAFER-ES5D Datasheet
1Mb / 7P
5A Surface Mount Super Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com