Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTL5100MASG Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # CTL5100MASG
Description  5A Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CTL5100MASG Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  CTL5100MASG Datasheet HTML 1Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 2Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 3Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
5A Trench Schottky Rectifier
CTL5100MASG
Chip Integration Technology Corporation
■ Ordering / Packing Information
Part number
Case
Q'TY/Reel (PCS)
Q'TY/Box (PCS)
Q'TY/Carton (PCS)
CTL5100MASG
MINI SMAS
10,000
50,000
Notes: 1. For packaging details please reference our website at http://www.citcorp .com.tw/tchinese /products /index.php
Notes:
CTL5100MASG : Product type marking code
: CITC Logo
■ Marking Information
Halogen free
Dimensions in inches and (millimeters)
■MINI SMAS foot print
A
C
B
B
0.059 (1.50)
A
0.063 (1.60)
C
0.110 (2.80)
5,000
CTL
5100
Document ID : DS-11034
Revised Date : 2016/12/29
Revision : C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com