Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2043906 Datasheet(PDF) 5 Page - SICK AG

Part # 2043906
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2043906 Datasheet(HTML) 5 Page - SICK AG

  2043906 Datasheet HTML 1Page - SICK AG 2043906 Datasheet HTML 2Page - SICK AG 2043906 Datasheet HTML 3Page - SICK AG 2043906 Datasheet HTML 4Page - SICK AG 2043906 Datasheet HTML 5Page - SICK AG 2043906 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L27S-3D2430, L27E-3P2430 | L27
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
A UE410-8DI has two test pulse generators. This means that short-circuits between odd (X1) and evenly (X2) numbered outputs will
be detected. Short-circuits between two odd (i.e., X1 and X3) or two evenly (i.e., X2 and X4) numbered outputs will not be detected.
In this case, short-circuits between X1 and X4 and X1 and X6 are detected, but short-circuits between X4 and X6 are not detected.
Comments
Take note of the operating instructions for the integrated devices.
The safety-related parameters (safety integrity level and response time) are dependent on the types used.
Recommended accessories
Other models and accessories
www.sick.com/L27
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket with hinged arm, steel, zinc coated, mounting hardware included
BEF-WN-W27
2009122
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
Head A: female connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
DOS-1204-W
6007303
2017-09-01 12:26:26 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com