Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3276 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3276
Description  2.2A/32V Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3276 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3276 Datasheet HTML 1Page - E-CMOS Corporation EC3276 Datasheet HTML 2Page - E-CMOS Corporation EC3276 Datasheet HTML 3Page - E-CMOS Corporation EC3276 Datasheet HTML 4Page - E-CMOS Corporation EC3276 Datasheet HTML 5Page - E-CMOS Corporation EC3276 Datasheet HTML 6Page - E-CMOS Corporation EC3276 Datasheet HTML 7Page - E-CMOS Corporation EC3276 Datasheet HTML 8Page - E-CMOS Corporation EC3276 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 12
3G16N-Rev.P001
2.2A/32V Synchronous Rectified
Step-Down Converter
EC3276
General Description
The EC3276 is a monolithic synchronous buck regulator.
The device integrates two 90m
Ω MOSFETs, and provides
2.2A of continuous load current over a wide input voltage
of 4.75V to 32V. Current mode
control provides fast
transient
response
and
cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn-on,
and in shutdown mode the supply current drops to 1µA.
This
device,
available in
an
SOP-8(Exposed PAD)
package, provides a very compact solution with minimal
external components.
Features
•
2.2A Output Current
•
Wide 4.75V to 32V Operating Input Range
•
Integrated 90m
Ω Power MOSFET Switches
•
Output Adjustable from 0.923V to 30V
•
Up to 93% Efficiency
•
Programmable Soft-Start
•
Stable with Low ESR Ceramic Output Capacitors
•
Fixed 600KHz
Frequency
•
Cycle-by-Cycle Over Current Protection
•
Input Under Voltage Lockout
Applications
•
Distributed Power Systems
•
Networking Systems
•
FPGA, DSP, ASIC Power Supplies
•
Green Electronics/ Appliances
•
Notebook Computers
Typical Application Circuit
Fig1. EC3276 with 5V Output, 470µF/16V Electrolytic Output Capacitor


Similar Part No. - EC3276

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
EC3278NNMHR E-CMOS-EC3278NNMHR Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
More results

Similar Description - EC3276

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1483A TECHCODE-TD1483A Datasheet
1,019Kb / 15P
2.2A 23V Synchronous Rectified Step-Down Converte
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1529 TECHCODE-TD1529 Datasheet
792Kb / 14P
1.6A 32V Synchronous Rectified Step-Down Converte
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2776A TECHCODE-TD2776A Datasheet
939Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com