Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY75AX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CNY75AX
Description  OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNY75AX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CNY75AX Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY75AX Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY75AX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92225m-AAS/A2
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.60
V
I
F = 50mA
Reverse Voltage (V
R)
6
V
I
R = 10µA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
90
V
I
C = 1mA
( Note 2 )
Collector-base Breakdown (BV
CBO)
90
V
I
C = 100µA
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
150
nA
V
CE = 20V
Coupled
I
C / IF (CTR) (Note 2)
CNY75A
15
%
1mA I
F , 5V VCE
CNY75B
30
%
1mA I
F , 5V VCE
CNY75C
60
%
1mA I
F , 5V VCE
CNY75A
63
125
%
10mA I
F , 5V VCE
CNY75B
100
200
%
10mA I
F , 5V VCE
CNY75C
160
320
%
10mA I
F , 5V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
0.3
V
10mA I
F , 1mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
7/12/00
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Type
R
L = 100Ω see fig 1
R
L = 1kΩ see fig 2
td
tr
ton
ts
tf
toff
I
C
ton
toff
I
F
µs
µs
µs
µs
µs
µs
mA
µs
µs
mA
CNY75A
2.0
2.5
4.5
0.3
2.7
3.0
10
10
25
20
CNY75B
2.5
3.0
5.5
0.3
3.7
4.0
10
16.5
20
10
CNY75C
2.8
4.2
7.0
0.3
4.7
5.0
10
11
37.5
10
V
CC = 5V
Figure 1
50
Ω
Output
V
CC = 5V
R
L = 1kΩ
Figure 2
50
Ω
Output
R
L = 100Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com