Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3293A Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3293A
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293A Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3293A Datasheet HTML 1Page - E-CMOS Corporation EC3293A Datasheet HTML 2Page - E-CMOS Corporation EC3293A Datasheet HTML 3Page - E-CMOS Corporation EC3293A Datasheet HTML 4Page - E-CMOS Corporation EC3293A Datasheet HTML 5Page - E-CMOS Corporation EC3293A Datasheet HTML 6Page - E-CMOS Corporation EC3293A Datasheet HTML 7Page - E-CMOS Corporation EC3293A Datasheet HTML 8Page - E-CMOS Corporation EC3293A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
4/11
Electrical Characteristics
(TA = +25°C, VIN = +12V, unless otherwise noted.)
* Guaranteed by design, not tested.
PARAMETER
Symbol
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VIN
4.7
18
V
Output Voltage
VOUT
0.8
15
V
Shutdown Supply Current
VEN = 0V
3
6
µA
Supply Current
VEN = 2.0V,VFB =1V
0.7
mA
Feedback Voltage
VFB
4.75V
≤ V
IN ≤ 18V
0.776
0.8
0.824
V
Feedback Over-voltage Threshold
0.88
V
Error Amplifier Voltage Gain *
AEA
1000
V/V
High-Side Switch-On Resistance *
RDS(ON)1
110
mΩ
Low-side Switch-On Resistance *
RDS(ON)2
58
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
TA = +125°C
10
µA
Upper Switch Current Limit
Minimum Duty Cycle
3.7
4.3
A
Lower Switch Current Limit
From Drain to Source
0
A
Oscillation Frequency
FOSC1
400
500
600
KHz
Short Circuit Oscillation Frequency
FOSC2
VFB = 0V
100
125
150
KHz
Maximum Duty Cycle
DMAX
VFB = 0.5V
90
%
Minimum On Time *
120
ns
EN Falling Threshold Voltage
VEN Falling
1.22
V
EN Rising Threshold Voltage
VEN Rising
1.32
V
Input Under Voltage Lockout Threshold
VIN Rising
3.75
V
Input Under Voltage Lockout Threshold
Hysteresis
200
mV
Soft-Start Period
1
ms
Thermal Shutdown *
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com