Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3210 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3210
Description  1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3210 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3210 Datasheet HTML 1Page - E-CMOS Corporation EC3210 Datasheet HTML 2Page - E-CMOS Corporation EC3210 Datasheet HTML 3Page - E-CMOS Corporation EC3210 Datasheet HTML 4Page - E-CMOS Corporation EC3210 Datasheet HTML 5Page - E-CMOS Corporation EC3210 Datasheet HTML 6Page - E-CMOS Corporation EC3210 Datasheet HTML 7Page - E-CMOS Corporation EC3210 Datasheet HTML 8Page - E-CMOS Corporation EC3210 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EC3210
1.5MHz, 800mA, Synchronous
Step-Down Regulator Dropout
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 16
3I06N-Rev.F003
GENERAL DESCRIPTION
FEATURES
The EC3210 is a high efficiency monolithic synchronous
buck regulator using a constant frequency, current mode
architecture. The device is available in an adjustable
version.
Supply current during operation is only 20mA and drops
to
≤1mA in shutdown. The 2.5V to 5.5V input voltage
range makes the EC3210 ideally suited for single Li-Ion
battery-powered applications. 100% duty cycle provides
low dropout operation, extending battery life in portable
systems. Automatic Burst Mode operation increases
efficiency at light loads, further extending battery life.
Switching frequency is internally set at 1.5MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V
feedback reference voltage. The EC3210 is available in a
low profile (1mm) TSOT23-5 package.
Applications
● Cellular Telephones
● Personal Information Appliances
● Wireless and DSL Modems
● Digital Still Cameras
● MP3 Players
● Portable Instruments
Package Type
TSOT23-5
Figure 1. Package Types of EC3210
 High Efficiency: Up to 96%
 High Efficiency at light loads
 Very Low Quiescent Current: Max 70uA During
Operation
 800mA Output Current
 2.5V to 5.5V Input Voltage Range
 1.5MHz Constant Frequency Operation
 No Schottky Diode Required
 Low Dropout Operation: 100% Duty Cycle
 0.6V Reference Allows Low Output Voltages
 Shutdown Mode Draws
≤1uA Supply Current
 Current Mode Operation for Excellent Line and Load
 Transient Response
 Over-temperature Protected
 Low Profile (1mm) TSOT23-5 Package


Similar Part No. - EC3210

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC321-CR4866 DFI-EC321-CR4866 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR4G65 DFI-EC321-CR4G65 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR6881 DFI-EC321-CR6881 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CR6G60 DFI-EC321-CR6G60 Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC321-CRA060 DFI-EC321-CRA060 Datasheet
1Mb / 4P
Modular-Designed Embedded System
More results

Similar Description - EC3210

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3426 KINGBOR-KB3426 Datasheet
199Kb / 16P
1.5MHz, 800mA Synchronous Step-Down Regulator in SOT23-5
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3211 E-CMOS-EC3211 Datasheet
1Mb / 16P
1.5MHz, 1.2A, Synchronous Step-Down Regulator Dropout
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
TD6811 TECHCODE-TD6811 Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6811B TECHCODE-TD6811B Datasheet
938Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6814 TECHCODE-TD6814 Datasheet
896Kb / 17P
1.5MHz 1.2A Synchronous Step-Down Regulator Dropout
TD6817 TECHCODE-TD6817 Datasheet
1Mb / 17P
1.5MHz 2A Synchronous Step-Down Regulator Dropout
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com