Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB61534 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CDB61534
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61534 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CDB61534 Datasheet HTML 19Page - Cirrus Logic CDB61534 Datasheet HTML 20Page - Cirrus Logic CDB61534 Datasheet HTML 21Page - Cirrus Logic CDB61534 Datasheet HTML 22Page - Cirrus Logic CDB61534 Datasheet HTML 23Page - Cirrus Logic CDB61534 Datasheet HTML 24Page - Cirrus Logic CDB61534 Datasheet HTML 25Page - Cirrus Logic CDB61534 Datasheet HTML 26Page - Cirrus Logic CDB61534 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
TAOS - Transmit All Ones Select, Pin 28. (Hardware and Extended Hardware Modes)
Setting TAOS to a logic 1 causes continuous ones to be transmitted at the frequency determined
by TCLK. In the Host Mode, simultaneous selection of RLOOP & TAOS enables a factory test
mode.
TCODE - Transmitter Encoder Select, Pin 4. (Extended Hardware Mode)
Setting TCODE low enables B8ZS or HDB3 zero substitution in the transmitter encoder. Setting
TCODE high enables the AMI transmitter encoder .
Data
RDATA - Receive Data - Pin 7. (Extended Hardware Mode)
Data recovered from the RTIP and RRING inputs is output at this pin, after being decoded by the
line code decoder. RDATA is NRZ. RDATA is stable and valid on the falling edge of RCLK.
RCLK - Recovered Clock, Pin 8.
The receiver recovered clock generated by the jitter attenuator is output on this pin.When in the
loss of signal state ACLKI (if present) is output on RCLK via the jitter attenuator. If ACLKI is
not present during LOS, RCLK is forced to the center frequency of the crystal oscillator..
RPOS, RNEG - Receive Positive Data, Receive Negative Data, Pins 6 and 7. (Hardware and Host
Modes)
The receiver recovered NRZ digital data is output on these pins. In the Hardware Mode, RPOS
and RNEG are stable and valid on the rising edge of RCLK. In the Host Mode, CLKE determines
the clock edge for which RPOS and RNEG are stable and valid. See Table 5. A positive pulse
(with respect to ground) received on the RTIP pin generates a logic 1 on RPOS, and a positive
pulse received on the RRING pin generates a logic 1 on RNEG.
RTIP, RRING - Receive Tip, Receive Ring, Pins 19 and 20.
The AMI receive signal is input to these pins. A center-tapped, center-grounded, 2:1, step-up
transformer is required on these inputs, as shown in Figure A1 in the Applications section. Data
and clock are recovered and output on RCLK and RPOS/RNEG or RDTA.
TCLK - Transmit Clock, Pin 2.
The1.544 MHz (or 2.048 MHz) transmit clock is input on this pin. TPOS/TNEG or TDATA are
sampled on the falling edge of TCLK.
TDATA - Transmit Data, Pin 3. (Extended Hardware Mode)
Transmitter NRZ input data which passes through the line code encoder, and is then driven on to
the line through TTIP and TRING. TDATA is sampled on the falling edge of TCLK.
TPOS, TNEG - Transmit Positive Data, Transmit Negative Data, Pins 3 and 4. (Hardware and
Host Modes)
Inputs for clock and data to be transmitted. The signal is driven on to the line through TTIP and
TRING. TPOS and TNEG are sampled on the falling edge of TCLK. A TPOS input causes a
positive pulse to be transmitted, while a TNEG input causes a negative pulse to be transmitted.
CS61577
DS155PP2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com