Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024-55AI Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C024-55AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55AI Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C024-55AI Datasheet HTML 9Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 10Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 16Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 13 of 20
Note:
38. If tPS is violated, the busy signal will be asserted on one side or the other, but there is no guarantee to which side BUSY will be asserted.
Switching Waveforms (continued)
ADDRESS MATCH
tPS
tBLC
tBHC
ADDRESS MATCH
tPS
tBLC
tBHC
CER ValidFirst:
7C024–23
ADDRESS L,R
BUSYR
CEL
CER
BUSYL
CER
CE L
ADDRESSL,R
7C024–24
Busy Timing Diagram No.1 (CE Arbitration)[38]
CELValid First:
ADDRESS MATCH
tPS
ADDRESSL
BUSY R
ADDRESS MISMATCH
tRC or tWC
tBLA
tBHA
ADDRESSR
ADDRESS MATCH
ADDRESS MISMATCH
tPS
ADDRESSL
BUSY L
tRC or tWC
tBLA
tBHA
ADDRESSR
Right Address Valid First:
7C024–25
7C024–26
Busy Timing Diagram No.2 (Address Arbitration)[38]
Left Address Valid First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com